Part Number Hot Search : 
MMSZ5250 6HN04MH SA102 C100K 28F01 P40NF AB12T4V1 2SA1489
Product Description
Full Text Search
 

To Download MBRF30100CT-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr30100ct / mbrf30100ct document number: ds30674 rev. 5 - 2 product summary mbr30100ct / mbrf30100ct (per leg) description and applications this schottky barrier rectifier is designed requirements of commercial applications. it is idea lly suited for use as: ? polarity protection diode ? re-circulating diode ? switching diode v rrm (v) i o (a) v f (max) (v) @ +25c 100 15 0.84 ordering information (notes 4) part number mbr30100ct-lj mbrf30100ct-lj notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html and lead-free. 3. halogen- and antimony- free "green? products are defined as those which co ntain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http:// www.diodes.com/produc marking information to-220ab top view to-220ab bottom view mbr30100ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last two digits of y ear (ex: 1 ww = week (01 - 53) 1 of 4 www.diodes.com mbr30100ct / mbrf30100ct 3 0a schottky barrier rectifier to meet the general requirements of commercial applications. it is idea lly suited for use as: i r (max) (ma) @ +25c 0.05 features and benefits ? guard ring die construction for transient protection ? high surge current capability ? low forward voltage drop ? lead- free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec- q101 standards for high reliability mechanical data ? case: to-220ab, ito-220ab ? case material: molded plastic, ?green ul flammability classification rating 94v ? moisture sensitivity: level 1 per j ? terminals: finish - matte tin a nnealed over copper solderable per mil-std- 202, method 208 ? polarity: see below ? weight: to-220ab ? 1.95 grams ( ito-220ab ? 1.69 grams ( case to-220ab (type c) ito220ab (to220f-3) 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporated?s de finitions of hal free "green? products are defined as those which co ntain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and for packaging details, go to our website at http:// www.diodes.com/produc ts/packages.html. ito-220ab top view package pin out ito-220ab bottom view mbrf30100ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last two d igits of ww = week (01 - 53) = product type marking code ab = foundry and assembly code yyww = date code marking ear (ex: 1 3 = 2013) green april 2015 ? diodes incorporated mbr30100ct / mbrf30100ct 0a schottky barrier rectifier ring die construction for transient protection free finish; rohs compliant (notes 1 & 2) halogen and antimony free. ?green? device (note 3) q101 standards for high reliability plastic, ?green ? molding compound. ul flammability classification rating 94v -0 moisture sensitivity: level 1 per j -std-020 nnealed over copper leadframe. 202, method 208 grams ( approximate) grams ( approximate) packaging 50 pieces/tube 50 pieces/tube for more information about diodes incorporated?s de finitions of hal ogen- and antimony-free, "green" free "green? products are defined as those which co ntain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and package pin out configuration = product type marking code and assembly code yyww = date code marking igits of year (ex: 13 = 2013) 53)
mbr30100ct / mbrf30100ct document number: ds30674 rev. 5 - 2 2 of 4 www.diodes.com april 2015 ? diodes incorporated mbr30100ct / mbrf30100ct maximum ratings (per leg) (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inducti ve load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current (per leg) (total) i o 15 30 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 190 a thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance, junction to case (note 5) package = to-220ab package = ito-220ab r jc 2 5 c/w typical thermal resistance, junction to ambient (no te 5) package = to-220ab package = ito-220ab r ja 15 25 c/w operating and storage temperature range t j , t stg -55 to +175 c electrical characteristics (per leg) (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f ? ? 0.80 ? 0.84 0.79 v i f = 15a, t j = +25 c i f = 15a, t j = +125c leakage current (note 6) i r ? ? ? ? 0.05 10 ma v r = 100v, t j = +25c v r = 100v, t j = +125c notes: 5. device mounted on heat sink (45mm x 20mm x 12mm), with minimum recommended pad layout per ht tp://www.diodes.com. 6. short duration pulse test used to minimize self- heating effect. 0 2 4 6 8 10 12 0 5 10 15 20 i average forward current (a) figure 1 forward power dissipation f(av) p , p o w e r d i s s i p a t i o n ( w ) d 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 figure 2 typical forward characteristics v , instantaneous forward voltage (v) f i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f t = 25c a t = 85c a t = 175c a t = 125c a t = 150c a t = -55c a
mbr30100ct / mbrf30100ct document number: ds30674 rev. 5 - 2 3 of 4 www.diodes.com april 2015 ? diodes incorporated mbr30100ct / mbrf30100ct package outline dimensions please see ap02002 at http://www.diodes.com/datashe ets/ap02002.pdf for the latest version. 0 20 40 60 80 100 0.00001 0.0001 0.001 0.01 0.1 1 10 i , i n s t a n t a n e o u s l e a k a g e c u r r e n t ( m a ) r figure 3 typical reverse characteristics v , instantaneous reverse voltage (v) r t = 25c a t = 85c a t = 125c a t = 150c a t = 175c a 0 2 4 6 8 10 12 14 16 0 25 50 75 100 125 150 175 figure 4 forward current derating curve t , ambient temperature (c) a i , a v e r a g e f o r w a r d c u r r e n t ( a ) f(av) ito220ab ( to220f - 3 ) dim min max typ a 4.300 4.900 - a2 2.520 2.920 - a3 2.350 2.900 - b 0.550 0.900 - b1 1.000 1.400 - b2 1.100 1.500 - c 0.450 0.600 - d 9.70 10.30 - e 14.70 16.00 - e - - 2.540 l 12.50 13.50 - l1 2.790 4.500 - x 6.90 7.10 - y 3.000 3.400 - y1 3.370 3.900 - ? 3.000 3.550 - all dimensions in mm to2 20ab (type c) dim min max typ a 4.40 4.60 4.500 a 2 2.20 2.50 2.400 a 3 1.20 1.40 1.300 b 0.700 0.900 - b1 1.170 1.390 1.270 c 0.400 0.600 - d 9.800 10.200 - e 9.000 9.400 - e - - 2.54 h1 6.300 6.700 - l 12.600 13.600 - l1 9.600 10.600 - y - - 11.100 ? 3.560 3.640 - all dimensions in mm d x y y1 e l l1 b1 b2 b e e a3 a a2 c ? 3 d y e l l1 h1 3 3 a a2 c e e a3 1.30 1.70 0.60 ? b b1
mbr30100ct / mbrf30100ct document number: ds30674 rev. 5 - 2 4 of 4 www.diodes.com april 2015 ? diodes incorporated mbr30100ct / mbrf30100ct important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranti es of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisd iction). diodes incorporated and its subsidiaries reserve th e right to make modifications, enhancements, improv ements, corrections or other changes without further notice to this document and any pro duct described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any cu stomer or user of this document or products describ ed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products pur chased through unauthorized sales channel. should customers purchase or use diodes incorporate d products for any unintended or unauthorized appli cation, customers shall indemnify and hold diodes incorporated and its representatives ha rmless against all claims, damages, expenses, and a ttorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized appl ication. products described herein may be covered by one or more united states, international or foreign patent s pending. product names and markings noted herein may also be covered by one or more uni ted states, international or foreign trademarks. this document is written in english but may be tran slated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes i ncorporated. life support diodes incorporated products are specifically not a uthorized for use as critical components in life su pport devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to per form when properly used in accordance with instruct ions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a lif e support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affe ct its safety or effectiveness. customers represent that they have all necessary ex pertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsi ble for all legal, regulatory and safety-related re quirements concerning their products and any use of diodes incorporated products in such safety- critical, life support devices or systems, notwiths tanding any devices- or systems-related information or support that may be provided by diod es incorporated. further, customers must fully ind emnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such saf ety-critical, life support devices or systems. copyright ? 2015, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of MBRF30100CT-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X